|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 1120210014 Active BradCommunicationsTM Direct-LinkTM PCU-CANIO CANopen card , PCI-Universal bus, 3.3/5V Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Approvals Communication Speed Mounting Style Product Name Protocol Type Network Interface 112086 N/A 1K to 1M bps N/A Direct-Link(R) CANopen* Master CANopen* Card image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Series Physical Channels Interface Network Connection Type Packaging Type Processor Temperature Range - Operating 1 CANopen* D-Sub Female (9 pin) Carton AMD SD520 0C to +65C Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Electrical EMC Supply Voltage N/A 6W (max. 1.2A) Material Info Old Part Number DRL-CNO-PCU Search Parts in this Series 112086Series E-112021-0014 Reference - Drawing Numbers Sales Drawing This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION BradCommunicationsTM Direct-LinkTM CANopen network interface cards allow deterministic I/O data acquisition for PC-based control applications. Direct-LinkTM CANopen Features * Automatic devices detection on the network Data acquisition for real time Control applications * Connect PC-Based Control PCI-Universal applications directly to I/O devices * Protocol: CANopen Master/ Scanner * 1 Serial or Ethernet port for remote configuration and diagnostic PC/104 * Embedded Communication on the card for powerful data throughput Overview BradCommunicationsTM Direct-LinkTM is a low range of automation components for industrial communication. It includes a variety of products such as diagnostic tools, intelligent connectors, tunneling gateways, fieldbuses network interface cards, and software drivers for industrial networks. Simple as they are affordable, BradCommunicationsTM Direct-LinkTM products allow you to acquire the equipment to develop your architectures and industrial applications at a lower cost. Direct-LinkTM products are characterized by their simple use and fast implementation; they are modular and scalable. Moreover, they are designed to be easily embedded into computerized systems and are available in a wide selection of form factors. * Automatic I/O mapping for easy configuration OS supported Standard package * Windows 32-bit (XP SP1/ 2000 SP4 / NT SP6, 2003 Server), Ardence RTX Powerful Network Interface card Particularly, the BradCommunicationsTM Direct-LinkTM CANopen interface cards are equipped with 1 CANopen port handling CANopen protocol in Master mode up to 1Mbps. A smart A.D.M (Automatic Dual port ram Mapping) mechanism avoids the I/O tags configuration in the Dual Port RAM of the card. More than a simple I/O acquisition card, the Direct-LinkTM PCU-CANIO/PC104-CANIO interfaces provide the applications with additional information such as: device status and diagnostics, process data read/write monitoring, communication tools for troubleshooting, hardware and software Watchdog, etc.. The communication layers are completely embedded on the cards, allowing easy and fast communication with field devices resulting in remarkable application performance. Product package includes: Graphical console for configuration and diagnostic tools Data servers (Multi-protocol OPC DA 3.0 & 2.05, ActiveX, DAServer, FastDDE/SuiteLink) I/O libraries for Windows (DLL) and Ardence's hard real time extensions (RTX) Static library for non-windows OS Drivers for soft-logic packages * Free Download Windows XP Embedded, QNX, VxWorks, Linux, Phar Lap ETS, DOS Direct-LinkTM CANopen Software tools Direct-LinkTM Interface cards provide effective software tools enabling fast integration of industrial communication into your applications. The console is common to all fieldbuses of Woodhead offer as Profibus-DP, EtherNet/IP, Modbus/TCP and DeviceNet. Hardware specifications PCU-CANIO Bus interface Processor Memory Interruption DPRAM Address Dimensions (L x W) Consumption Operating Temperature Storage Temperature Discrete Input Discrete Output EMC Compliance RoHS Compliance PCI Universal 3.3/5V, PCI-X compatible PC104-CANIO PC/104 bus AMD SC520 8 Mbytes SDRAM Hardware Plug&Play 2, 3, 4, 5, 6, 7, 10, 11, 12, 14, 15 Hardware Plug&Play From C8000 to DE000 (8 Kbytes used per card) (8 Kbytes used per card) 168mm x 107mm (6.61" x 4.21") 95mm x 90mm (3.74" x 3.54") 6W (max. 1.2A) 5W (max. 0.8A) 0C (32F) up to +65 C (149F) -40C (-40F) up to +80C (176F) 0C (32F) up to +65 C (149F) -40C (-40 F) up to +85C (185 F) - Configuration console - Opto-coupled discrete input Voltage -> DC +10 to +30 or AC 24 V (50 to 60 Hz) "WatchDog" output contact free from potential (floating) (24V DC, 0.25 A) EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3 Yes 1 CANopen port Connector type CANopen Standard, HE13 (2 x 5 pins) 9-pin Sub-D male (gender changer Sub-D Male/ Male supplied) Phillips SJA 1000 Phillips 82C251 1, 10, 20, 50, 100, 125, 250, 500, 800, 1000 Kbps 1 Status LED / 1 transmission LED - OPC Browser - CAN Controller CAN Transceiver Speed LED indicators Port for remote configuration and diagnostic Port Type Connector type LED indicators Electrical interface Speed Ethernet port BaseT - RJ45 4 LEDs - TX/RX/Link/100 Mbps Ethernet IEEE 802.3 10/100 Mbps (auto-negotiation) Asynchronous Serial port HE13 (2 x 5 pins) RS232 50 to 38400 bps - ActiveX implementation - Protocol Specifications Specifications CIA DS 301 v4.0, DS302 v4.02 Supported profiles: DSP 401, DSP 402, DSP 403, DSP 404, DSP 406 Connect up to 127 Slave stations Send/Rec of PDO's (3500) and TPDO/RPDO (256/256) PDO modes: Event driven, Sync Cyclic, Sync Acyclic, Async Dynamic PDO mapping Integrated data consistency Direct access to variable types (bit, byte, word, double word) EDS Library CANopen Ordering Information Part Number DRL-CNO-PCU DRL-CNO-104 Product Description BradCommunicationsTM Direct-LinkTM PCU-CANIO CANopen card , PCI-Universal bus, 3.3/5V BradCommunicationsTM Direct-LinkTM PC104-CANIO CANopen card, PC/104 bus Reference Number: DW200590 Date Published: October 2007 - Diagnostic and test tools - To contact us: www.woodhead.com North America: US: + 1 800 225 7724 - Canada: +1 519 725 5136 Europe: France: +33 2 32 96 04 20 - Germany: +49 7252 94 96 0- Italy: +39 010 59 30 77 - United: Kingdom +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 BradCommunications and Direct-Link are trademarks of Woodhead Industries. (c) 2007 Woodhead Industries, a division of Molex Incorporated. |
Price & Availability of 1120210014 |